Part Number Hot Search : 
GBP310A 11016 67600975 CS435105 688ND 67600975 VT1616 35TWL3
Product Description
Full Text Search
 

To Download R8830I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RDC(R)
R8830I
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
16-BIT RISC MICROCONTROLLER
R8830I Brief Sheet
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 1 of 5 REV 1.0 Mar. 23 2007
RDC(R)
1. Features
l CPU Core
R8830I
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
- RDC's proprietary RISC architecture - Five-stage pipeline - CPU Clock speed: 20/25/33 MHz - Supports CPU ID - Supports 32 PIO pins l Bus interface - Multiplexed address and data bus which is compatible with the 80C188 microprocessor - Supports a non-multiplexed address bus A[19:0] l ROM/RAM Controller and Addressing Space - 1M-byte memory address space - 64K-byte I/O space l PSRAM Interface - PSRAM (Pseudo Static RAM) interface with auto-refresh control l Compatible UART Channels - UART speed : maximum baud rate up to 115.2Kbps l Two Independent DMA Channels - Supports serial ports with DMA transfers l Asynchronous Serial Channels - Supports two asynchronous serial channels with hardware handshaking signals
l
Interrupt Controller - The Interrupt controller with seven maskable external interrupts and one non-maskable external interrupt
l
Programmable Chip-select Logic - Programmable chip-select logic for memory or I/O bus cycle decoder
l l
Programmable Wait-state Generator Counter/Timers - Three independent 16-bit timers and one independent watchdog timer
l
Software Compatible with the 80C186 Microprocessor
l
Operating Voltage Range - Core voltage: 5V 10% - I/O voltage: 5V 10%
l l l
Ambient temperature: - 40 ~ +85C Power Save and Power Down Mode Support Package Type -100 Pin PQFP & 100 Pin LQFP
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 2 of 5 REV 1.0 Mar. 23 2007
RDC(R)
R8830I
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
2. Block Diagram
INT2/INTA0_n INT1/SELECT_n CLKOUTA INT3/INTA1_n/IRQ CLKOUTB INT6~4 INT0 NMI TMROUT0 TMROUT1 TMRIN0 TMRIN1 DRQ0 DRQ1
X1
VCC GND
X2 Clock and Power Management
Interrupt Control Unit
Timer Control Unit
DMA Unit
RST_n
LCS_n/ONCE0_n MCS3_n/RFSH_n MCS[2:0] UCS_n/ONCE1_n PCS3_n~PCS0_n PCS5_n/A1 PCS6_n/A2
Chip Select Unit PSRAM Control Unit
Instruction Queue (64bits) Instruction Decoder
Control Signal
Micro ROM
PIO Unit
PIO[31:0]
ARDY SRDY S2_n~S0_n DT/R_n DEN_n
Refresh Control Unit
Register File General, Segment, Eflag Register
EA / LA Address Asynchronous Serial Port0
RTS0_n/RTR0_n CTS0_n/ENRX0_n TXD0 RXD0 RTS1_n/RTR1_n
HOLD HLDA S6/CLKDIV2_n UZI_n
Bus Interface Unit
ALU
(Special, Logic, Adder, BSF)
Execution Unit
Asynchronous Serial Port1
CTS1_n/ENRX1_n TXD1 RXD1
A[19:0] AD[7:0]
RD_n WB_n WR_n
ALE AO[15:8] RFSH2_n/ADEN_n
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 3 of 5 REV 1.0 Mar. 23 2007
RDC(R)
3.
R8830I
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
Package Information
D 23.20 0.20 0.10
PQFP 100 pins
D1 20.00 "A"
0.10 E1 14.00 SEATING PLANE "A" 0.65 BSC
E
17.20
0.20
0.10
c 0.25~0.38
3.40 Max.
DETAIL A
1.60 REF L1 A2 2.85 0.12 L 0.88 0.15 0.25 DETAIL A
15 TYP
7 TYP
UNIT:mm
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 4 of 5 REV 1.0 Mar. 23 2007
0.25 MIN A1
RDC(R)
R8830I
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
LQFP 100 pins
16.00 14.00 0.15 0.10
100
76
1
75
0.10 14.00
25 51 26 50
0.127(TYP)
0.50(TYP) Sealing Plane
0.22
0.05
"A"
0.08(MAX)
1.60(MAX)
0.05
0~7
0.05
0.60 1.00(REF)
0.10
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 5 of 5 REV 1.0 Mar. 23 2007
0.2S(TYP) GAUGE PLANE
1.40
0.15
UNIT:mm
16.00
0.15


▲Up To Search▲   

 
Price & Availability of R8830I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X